PART |
Description |
Maker |
74LVTH16646MEAX 74LVT16646MEAX |
8K, 1K X 8, 16B PAGE, 2.5V SER EE IND, -40C to 85C, 8-TSSOP, T/R 位总线收发 512K, 64K X 8, 2.5V SER EE, IND, -40C to 85C, 8-SOIC 208mil, T/R 位总线收发
|
TE Connectivity, Ltd. Fairchild Semiconductor, Corp.
|
74LVT244APW-T 74LVT244ADB-T |
1K, 128 x 8, 1.8V SER EE, -40C to 85C, 8-SOIC 150mil, T/R 1K, 128 X 8, 1.8V SER EE, -40C to 125C, 8-SOIC 150mil, T/R 位非反向缓冲驱动
|
TE Connectivity, Ltd.
|
OPB871N51TX OPB871N51TV OPB872N51TV |
256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 150mil, TUBE 256K, 32K X 8, 2.5V SER EE, -40C to 85C, 8-SOIC 208mil, TUBE Photo Gap Detector
|
|
SMLA13BC8T SMLA12WBC7W SMLA12WBC7W1 SMLA12BC7T |
Compact size side-view LEDs SML-A1 Series EXCELEDTM
|
Rohm
|
74LVT162245MEAX |
256K, 32K X 8, 2.5V SER EEPROM, -40C to 125C, 8-TSSOP, TUBE 位总线收发
|
Fairchild Semiconductor, Corp.
|
SML-R12Y8T SMLR13WBDW3 |
SML-R1 Series PICOLED-side SML-R1 Series PICOLED-side
|
Rohm
|
REC15-1205SRWBZ REC15-1205SRWB REC15-XX24SRWBZ REC |
15W DC/DC converter with 68V input, -12/ -625mA output ECONOLINE - DC/DC - CONVERTER REC15-S/DRWB(z)的辑。,15W的功率,2 × 2,雷古尔。,宽输2(单和双输出 REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output) REC15-S/DRWBz)的辑。,15W的功率,2 × 2,雷古尔。,宽输(单和双输出 REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output) REC15-S/DRWB(z)的辑。,15W的功率,2 × 2,雷古尔。,宽输4(单和双输出
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
140971-2 |
Quick Disconnect Tabs, Tab Adapters & Tab Caps; FASTON PIDG TAB 250 SER ( AMP )
|
Tyco Electronics
|
BCM3250 |
QAMLink® Set-Top Box Single-Chip Front End QAMLINK ADVANCED SER-TOP BOX SINGLE-CHIP FRONT-END
|
ETC Broadcom Corporation. Electronic Theatre Controls, Inc.
|
M38278E4MXXXFP M38274E5MXXXHP M38278M5MXXXHP M3827 |
SX Series Subminiature Basic Switch, Single Pole Double Throw Circuitry, 1 A at 125 Vac, Pin Plunger Actuator, Solder Termination, Military Part Number MS24547-6 LACING ANCHOR WIT 18,30 .031,1 Single Chip 8 Bits Microcomputer(8位单片机) Frame for modules; Series:Han 16B; Number of Contacts:4; Gender:Male; For Use With:Hinged frame Han Modular; Connector Type:Hinged frame for 4 modules, for housings (base) Enclosed Switches Series LS: Top Roller Plunger; 2NC 2NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non-Plug-in 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-TSSOP 0 to 70 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 8-SOIC -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 16-SOIC Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-HTSSOP -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 5-SOT-23 -40 to 125 Automotive Catalog 600-uA/Ch 2.8-MHz Rail-to-Rail Input/Output High-Drive Operational Amplifier 14-SOIC -40 to 125 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/8 Ch. 20-SOIC 0 to 70 CA-BAYONET Dual 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC -40 to 85 SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-PDIP 0 to 70 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-TSSOP 0 to 70 DIN Audio Connector; No. of Contacts:6; Mounting Type:Cable; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 6-SOT-23 -40 to 125 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-PDIP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-MSOP -40 to 125 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC 0 to 70 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 12-Bit 66 kSPS ADC Ser. Out, Pgrmable Pwrdn, MSB/LSB First, Built-In Self-Test Mode, 11 Ch. 20-PDIP 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 14-SOIC -40 to 125 ADAPTER USB-SERIAL DB9/25 MALE RES-ARRAY 10-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-PDIP 0 to 70 Automotive Catalog Advanced LinCMOS Rail-to-Rail Output Wide-Input-Voltage Operational Amplifiers 14-TSSOP -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 10-MSOP 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 14-SOIC 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 8-SOIC 0 to 70 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 5-SOT-23 0 to 70 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-MSOP 0 to 70 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP 0 to 70 POT 200K OHM 1/2 SQ CERM SL MT SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power W/8 x FIFO W/4 Ch. 16-SOIC -40 to 85 单芯位CMOS微机 EATON 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp 5-SOT-23 -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 8-SOIC -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Single Channel Op Amp with Shutdown 6-SOT-23 -40 to 125 单芯位CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 单芯CMOS微机 550-uA/Ch 3-MHz Rail-to-Rail Output Operational Amplifiers 14-TSSOP -40 to 125 单芯CMOS微机 800 uA/ch, 11Mhz, RRO, Low Voltage, Quad Channel Op Amp with Shutdown 16-TSSOP -40 to 125 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier 14-TSSOP 0 to 70 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier 8-PDIP 0 to 70 单芯位CMOS微机 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination 单芯位CMOS微机 Dual Low-Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-TSSOP -40 to 125 单芯位CMOS微机 MICA RoHS Compliant: No 单芯位CMOS微机 Automotive Catalog Low-Power Rail-to-Rail Input/Output Operational Amplifier with Shutdown 8-TSSOP -40 to 125 单芯位CMOS微机 Silver Mica Capacitor; Capacitance:2000pF; Capacitance Tolerance: 2%; Series:CM06; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:8.7mm; Leaded Process Compatible:No RoHS Compliant: No 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 16-TSSOP 0 to 70 单芯位CMOS微机 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp with Shutdown 10-MSOP -40 to 125 单芯位CMOS微机 CONN HEADER 6POS SGL PCB 30GOLD 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp w/Shutdown 6-SOT-23 0 to 70 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Single Low-Power Rail-to-Rail Input/Output Op Amp 8-SOIC -40 to 125 单芯位CMOS微机 Quad Micropower Rail-To-Rail Input/Output Op Amp 14-PDIP 0 to 70 单芯位CMOS微机 Quad Low Power, Rail-to-Rail Input/Output Operational Amplifier w/Shutdown 16-SOIC -40 to 125 单芯位CMOS微机 Quad Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 16-HTSSOP -40 to 125 单芯位CMOS微机 1-mA/CH, 9-MHz, RRO Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Dual Low-Power Rail-to-Rail Input/Output Op Amp w/Shutdown 14-SOIC -40 to 125 单芯位CMOS微机 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 100 psi, Absolute, flush mount with flange, 10 Vdc excitation 单芯位CMOS微机 800 uA/ch, 11MHz, RRO, Low Voltage, Dual Channel Op Amp 8-MSOP -40 to 125 单芯位CMOS微机 Single Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Single, Low Power, Rail-to-Rail Input/Output Operational Amplifier 8-CDIP -55 to 125 Single 1.8-V, Micro-power, Rail-to-Rail, Single Supply Amplifier 8-SOIC 0 to 70 Single Low-Power Rail-to-Rail Input/Output Op Amp 5-SOT-23 -40 to 125 Dual Micropower Rail-To-Rail Input/Output Op Amp 8-PDIP -40 to 125 Automotive Catalog 12-Bit 200 kSPS ADC Ser. Out, Auto Pwrdn (S/W and H/W), Low Power 20-SOIC SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Semiconductor http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp. Mitsubishi Electric Semicon... Mitsubishi Electric Sem...
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
|